Part Number Hot Search : 
1N3310B 245DW 82RSB SUM110 45020 PM4319 AP1520SA 5962F9
Product Description
Full Text Search
 

To Download SDR0603-390K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sdr0603 series - smd power inductors features available in e12 series small design of only 5.8 mm maximum diameter low 3.9 mm profile lead free version available (see how to order) lead free versions are rohs compliant* applications input/output of dc/dc converters power supplies for: ? portable communication equipment ? camcorders ? lcd tvs ? car radios electrical specifications product dimensions recommended layout 5.8 (.228) max. max. 3.9 (.154) general specifications test voltage ........................................1 v reflow soldering....230 ?, 50 sec. max. operating temperature ..-40 ? to +125 ? (temperature rise included) storage temperature ..-40 ? to +125 ? resistance to soldering heat ..................................260 ? for 5 sec. materials core ................................ferrite dr core wire ............................enameled copper terminal electrode ......see how to order rated current...ind. drop 10 % typ. at isat temperature rise...................40 ? max. at rated irms packaging.....................400 pcs. per reel 1.8 (.071) max. typ. 5.8 (.228) 5.8 (.228) 6.0 (.236) 1.7 (.067) typical part marking 101 start finish inductance 1khz q test srf rdc i rms i sat bourns part no. ( h) tol. % ref. frequency min. ( ? ? ) max. typ. (mhz) (mhz) (a) (a) sdr0603-1r5m_ 1.5 20 24 7.96 85 0.04 3.00 3.50 sdr0603-2r5m_ 2.5 20 21 7.96 74 0.05 2.35 2.70 sdr0603-3r3m_ 3.3 20 21 7.96 68 0.05 2.20 2.60 sdr0603-3r9m_ 3.9 20 22 7.96 62 0.05 2.10 2.20 sdr0603-4r7m_ 4.7 20 20 7.96 56 0.07 1.80 2.20 sdr0603-5r0m_ 5.0 20 19 7.96 50 0.07 1.60 2.10 sdr0603-6r8m_ 6.8 20 19 7.96 44 0.11 1.38 1.80 sdr0603-7r5m_ 7.5 20 19 7.96 38 0.12 1.29 1.60 sdr0603-100m_ 10 20 24 2.52 34 0.15 1.14 1.40 sdr0603-120m_ 12 20 23 2.52 30 0.16 1.02 1.30 sdr0603-150m_ 15 20 22 2.52 28 0.18 0.93 1.10 sdr0603-180m_ 18 20 23 2.52 24 0.25 0.82 1.10 sdr0603-220m_ 22 20 20 2.52 30 0.28 0.75 0.96 sdr0603-270m_ 27 20 19 2.52 19 0.30 0.67 0.86 sdr0603-330k_ 33 10 23 2.52 15 0.45 0.61 0.70 SDR0603-390K_ 39 10 22 2.52 13 0.46 0.56 0.66 sdr0603-470k_ 47 10 20 2.52 13 0.55 0.52 0.62 sdr0603-560k_ 56 10 17 2.52 12 0.62 0.48 0.58 sdr0603-680k_ 68 10 17 2.52 12 0.72 0.44 0.54 sdr0603-820k_ 82 10 15 2.52 11 0.84 0.40 0.48 sdr0603-101k_ 100 10 28 0.796 10 0.95 0.38 0.66 sdr0603-121k_ 120 10 27 0.796 8 1.10 0.36 0.60 sdr0603-151k_ 150 10 28 0.796 8 1.43 0.32 0.56 sdr0603-181k_ 180 10 26 0.796 7 1.60 0.30 0.50 sdr0603-221k_ 220 10 26 0.796 6 2.00 0.26 0.46 sdr0603-271k_ 270 10 26 0.796 5 2.40 0.24 0.38 sdr0603-331k_ 330 10 28 0.796 5 3.20 0.20 0.36 sdr0603-391k_ 390 10 28 0.796 4 3.40 0.18 0.32 sdr0603-471k_ 470 10 29 0.796 4 4.55 0.15 0.26 lead free versions are rohs compliant dimensions: mm (inches) how to order sdr0603 - 100m __ model value/tolerance: from table termination l = ag/ni/sn blank = ag/ni/snpb *rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications.
sdr0603 series - smd power inductors packaging specifications dimensions: mm (inches) 14.0 (.551) 18.4 (.724) 2.0 0.5 (.079 .020) 50.0 (1.969) 178.0 (7.00) dia. 13.0 0.5 (.512 .020) dia. 13.0 0.5 (.512 .020) dia. 21.0 0.8 (.827 .031) embossed carrier embossed cavity 0.10 (.004) thickness max. end start user direction of feed 160 (6.299) no component no component components 4.1 (.161) 3200 (125.984) 400 (15.748) 4 (.157) 8 (.315) 12 (.472) qty: 400 pcs. per reel rev. 02/05 specifications are subject to change without notice. customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of SDR0603-390K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X